Part Number Hot Search : 
80C19 HYS64T 2N541 78M12 BSO20 BZV79C75 SZN4495S BR1220
Product Description
Full Text Search
 

To Download NJL6165R-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  NJL6165R-1 -1- njl6165r 0.5 1.16 1.8 3.6 1.8 1.0 0.3 0.3 0.3 0.95 0.95 1.0 (2x)r0.3 high speed pin photo diode general description outline (typ.) unit : mm the 6165r-1 are the pin photo diode, which attain high speed (fc : 300mhz) and high sensitivity (s : 0.65a/w). it shrinks the outline by cobp(chip on board package), and attain under half package volume compared with lead frame type. features ? high speed, high sensitivity ? miniature, thin type NJL6165R-1 (1.8mmx3.6mmx1.16mm) applications ? laser monitor for cd-r/rw, dv d+/-r/rw/-ram, recordable md etc. ? reading the signal for optical communication etc. absolute maximum ratings (ta=25 c) parameter symbol ratings unit reverse voltage operating temperature storage temperature reflow soldering temperature v r t opr t stg t sol 35 -30 to +85 -40 to +100 260 v c c c electro-optical characteristics (ta=25 c) parameter symbol test condition min typ max unit dark current forward voltage capacitance peak wavelength sensitivity cut off frequency i d v f c t p s fc v r =10v i f =1ma v r =2.0v, f=1mhz ? v r =2.0v, =780nm (note) v r =2.0v, =780nm, rl=50 ?, -3db ? ? ? ? 0.50 ? 0.1 ? 4 800 0.65 300 2.0 1.0 ? ? ? ? na v pf nm a/w mhz (note) in the case of illuminating all over the package anode cathode active area: 0.7mm square active area
NJL6165R-1 - 2 - 0 1 2 3 4 5 012345 reverse voltage vr(v) ris e time tr (ns) =780nm, rl=50 0 1 2 3 4 5 01 23 45 rev er s e v oltage vr(v) fall time tr (ns) =780nm, rl=50 1.00e-13 1.00e-12 1.00e-11 1.00e-10 1.00e-09 1.00e-08 -40 -20 0 20 40 60 80 100 ambient temperature ta( ) dark current id(a) vr=2.0v, =780nm typical characteristics relative sensitivity vs. illuminance (ta=25 c) spectral response (ta=25 c) dark current vs. temperature relative sensitivity vs. temperature rise time vs. reverse voltage (ta=25 c) fall time vs. reverse voltage (ta=25 c) 1.00e-08 1.00e-07 1.00e-06 1.00e-05 1.00e-04 1.00e-03 0.01 0.1 1 10 100 illuminance (mw/cm 2 ) light current ( ) vr=2.0v, =780nm 0 10 20 30 40 50 60 70 80 90 100 500 600 700 800 900 1000 1100 wavelength (nm) relative sens itivity (% ) 95% 96% 97% 98% 99% 100% 101% 102% 103% 104% 105% -40 -20 0 20 40 60 80 100 ambient temperature ta(c) relative sensitivity (%) vr=2.0v, =780nm
NJL6165R-1 - 3 - 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 012345 reverse voltage vr(v) capasitance cj (pf) relative sensitivity vs. frequency ( ta=25 c) capacitance vs. reverse voltage ( ta=25 c) measuring circuit for response time -6 -5 -4 -3 -2 -1 0 1 10 100 1000 frequency f(mhz) relativ e sens itiv ity (db) vr=2.0v, =780nm, rl=50 50 ? lase r NJL6165R-1 pulse generato r input output 90% 10% tr tf
NJL6165R-1 - 4 - precaution for handling 1. soldering to actual circuit board soldering condition - heated condition of plastic package. lower than 260 c of maximum surface temperature soldering method 1) reflow method recommended temperature profile of its method. soldering to be done within twice under this condition. 2) reflow method ( in case of infrared heating ) - temperature profile : same to the above - avoid direct i rradiation to the plastic package because it is mold resin, absorbs the infrared radiation and its sur face temperature will be higher than lead itself. 3) the other method avoid rapid heating up like dipping the devic es directly into the melting solder or vapor phase method ( vps ). if the device is heated to high temperature and kept in its condition for longer time, it would affect to its reliabi lity. it is necessary to solder in short time as soon as possible. 2. cleaning avoid washing of the device afte r soldering by reflow method. 3. attention in handling 1) treat not to touch the lens surface. 2) avoid dust and any other foreign material s (paint, bonding material, etc.) on the lens surface. 4. storage in order to prevent from degradation of th is device in moisturing at reflow method, so that this device is contained in deaeration packaging. so that mount the device as short as possible after opening the envelope. a b c g e 150 c 260 c room te m p . f 180 c 230 c 220 c d a : temperature ramping rate : 1 to 4 c/s b : pre-heating temperature time : 150 to 180 c : 60 to 120s c : temperature ramping rate : 1 to 4 c /s d : 220 c or higher time : shorter than 60s e : 230 c or higher time : shorter than 40s f : peak temperature : lower than 260 c g : temperature ramping rate : 1 to 6 c /s the temperature indicates at the surface of mold package
NJL6165R-1 - 5 - (te1) unit:mm 2.0 4.0 2.4 4.0 5.5 12.0 1.75 0.3 1.5 1.5 4.2 carrier tape cover tape 13 60 180 13 unit:mm label NJL6165R-1 taping specification 1. taping size 1) carrier tape is used with styrene type carbonated plastic. 2) cover tape is used with electro statistically prevention treated polyester type tape. 3) product taping direction is to place the index mark against the pull out direction of the tape as in the drawing. NJL6165R-1 pull out direction of tape 2. taping strength pull up the cover tape from the carrier tape, and when the opening angle comes around 10 to 15 , and the peeling-off strength is to be within the power of 20 to 70g. 3. packaging 1) the taped products are to be roll ed up on the taping reel as on the drawing. 2) rolling up specification 2-1) start rolling : carrier tape open space more than 20 pieces. 2-2) end of rolling : carrier tape open space more than 20 pieces, and 2 round of reel space at the cover tape only. 3) taping quantity : 2,000 pieces 4) seal off after putting each reels in a dampproof bag with silica gel (3 bags).
NJL6165R-1 - 6 - memo [caution] the specifications on this databook are only given for information , without any guarantee as regards either mistakes or omissions. the application circuits in this databook are described only to show representative usages of the product and not intended for the guarantee or permission of any right including the industrial rights.


▲Up To Search▲   

 
Price & Availability of NJL6165R-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X